Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download ST207E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST207E
15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
PRELIMINARY DATA
s
s
s s
s
ESD PROTECTION FOR RS-232 I/O PINS: 15 KV HUMAN BODY MODEL GUARANTEED 120kbpsDATE RATE LapLinkTM COMPATIBLE GUARANTEED SLEW RATE 3V/s (Min) OPERATE FROM A SINGLE 5V POWER SUPPLY PACKAGED IN SO-24, SSO-24 AND TSSOP24 PACKAGES
D (Micro Package Large)
DESCRIPTION The ST207E is a 5 driver and 3 receiver devices designed for RS-232 and V.28 communications in harsh enviroments. Each transmitter output and receiver input is protected against 15KV electrostatic discharge (ESD) shocks. The drivers and receivers of the ST207E meet all EIA/TIA-232E and CCITT V.28 specifications at data rates up to 120Kbps, when loaded in accordance with the EIA/TIA-232E specification. The ST207E operates with four 0.1F capacitors. It cames in 24-pin SO and TSSOP packages.
P (SSOP Package)
T (TSSOP Package)
ORDER CODES
T ype ST207ECD ST207EBD ST207ECDR ST207EBDR ST207ECTR ST207EBTR ST207ECPR ST207EBPR June 2000 Temperature Range 0 to 70 oC -40 to 85 oC 0 to 70 oC -40 to 85 C 0 to 70 oC -40 to 85 C 0 to 70 C -40 to 85 oC
o o o
Packag e SO-24 (Tube) SO-24 (Tube) SO-24 (Tape & Reel) SO-24 (Tape & Reel) TSSOP24 (Tape & Reel) TSSOP24 (Tape & Reel) SSOP24 (Tape & Reel) SSOP24 (Tape & Reel)
Co mmen ts 33 parts per tube / 25 tube per box 33 parts per tube / 25 tube per box 1000 parts per reel 1000 parts per reel 2500 parts per reel 2500 parts per reel
1/9
ST207E
PIN CONFIGURATION
PIN DESCRIPTION
PIN No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 SYMBOL T3OUT T1OUT T2OUT R1IN R1OUT T2IN T1IN GND VCC C 1+ V+ C1C 2+ C 2+ VR3IN R3OUT T3IN T4IN T5OUT T5IN R2OUT R2IN RS-232 Driver Output RS-232 Driver Output RS-232 Driver Output RS-232 Receiver Input TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown TTL/CMOS Driver Inputs. Internal Pull-up to VCC TTL/CMOS Driver Inputs. Internal Pull-up to VCC Ground 4.75V to 5.25V Supply Voltage Terminal For Positive Charge-pump Capacitor 2V CC Generated By The Charge Pump Terminal For Positive Charge-pump Capacitor Terminal For Negative Charge-pump Capacitor Terminal For Negative Charge-pump Capacitor -2V CC Generated By The Charge Pump RS-232 Receiver Input TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown TTL/CMOS Driver Inputs. Internal Pull-up to VCC TTL/CMOS Driver Inputs. Internal Pull-up to VCC RS-232 Driver Output TTL/CMOS Driver Inputs. Internal Pull-up to VCC TTL/CMOS Receiver Outputs. All The Receivers Are Inactive In Sutdown RS-232 Receiver Input NAME AND F UNCTION
2/9
ST207E
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol VCC V+ VTIN RIN TOUT R OUT TSCTOUT Tstg Supply Voltage Extra Positive Voltage Extra Negative Voltage Transmitter Input Voltage Range Receiver Input Voltage Range Transmitter Output Voltage Range Receiver Output Voltage Range Short Circuit Duration on TOUT Storage Temperature Range Parameter Value -0.3 to 6 (VCC - 0.3) to 14 -14 to 0.3 -0.3 to (VCC + 0.3) 30 (V- - 0.3) to (V+ + 0.3) -0.3 to (VCC + 0.3) Continuous -65 to +150
o
Unit V V V V V V V C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
ESD PERFORMANCE: TRANSMITTER OUTPUTS, RECEIVER INPUTS
Symb ol ESD Parameter ESD Protection Voltage T est Con ditio ns Min. Human Body Model Value T yp. 15 Max. kV Un it
ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F, VCC = 5V 5% TA = Min to Max, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol Parameter No Load, T est Con ditio ns Min. ISUPPLY VCC Power Supply Current TA = 25 oC Value T yp. 2 Max. 5 mA Un it
RECEIVER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F, VCC = 5V 5% TA = Min to Max, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol VRIN VRIL VRIH VRIHYS R RIN VOL VOH Parameter Receiver Input Voltage Operating Range Input Threshold Low Input Threshold High Input Hysteresis Input Resistance Output Voltage Low Output Voltage High IOUT = -1mA 3.5 VCC-0.4 TA = 25 oC, VCC = 5 V TA = 25 oC, VCC = 5 V VCC = 5 V, no hysteresis in shutdown TA = 25 oC, VCC = 5 V 0.2 3 T est Con ditio ns Min. -30 0.8 1.2 1.7 0.5 5 2.4 1 7 0.4 Value T yp. Max. 30 V V V V K V V Un it
3/9
ST207E
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1F, VCC = 5V 5% TA = Min to Max, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol VTOUT ROUT ISC IIL VTIL VTIH Parameter Output Voltage Swing Transmitter Output Short Circuit Current Input Pull-Up Current Input Logic Threshold Low Input Logic Threshold High 2 TIN = 0 V T est Con ditio ns Min. All drivers loaded with 3K to GND VOUT = 2 V 5 300 18 15 60 200 0.8 Transmitter Output Resistance VCC = V+ = V- = 0V Value T yp. 8.5 Max. V mA A V V Un it
TIMING CHARACTERISTICS (C1 -C4 = 0.1F, VCC = 5V 5% TA = Min to Max, unless otherwise specified. Typical Valus are referred to TA = 25 oC)
Symb ol DR Parameter Maximum Data Rate T est Con ditio ns Min. RL = 3K to 7 K, CL = 50pF to 1000pF one transmitter switching All drivers loaded with 3K to GND 120 Value T yp. Max. kbps Un it
tPLHR tPHLR tPLHT tPHLT SR
Receiver Propagation Delay
0.2 2 3 7
10
s s
Transmitter Propagation Delay RL = 3K, CL = 2500pF all transmitters loaded Transition-Region Slew Rate TA =25 oC VCC = 5V RL = 3K to 7 K, CL = 50pF to 1000pF measure from -3V to 3V or 3V to -3V
30
V/s
4/9
ST207E
APPLICATION CIRCUITS (note 1, note 2)
Note 1: C1-4 capacitors can even be 1 F ones. Note 2: C1-4 canbe common or biased capacitors.
Capacitance Value (F)
DEVICES ST207E C1 0.1 C2 0.1 C3 0.1 C4 0.1 C5 0.1 5/9
ST207E
SO-24 MECHANICAL DATA
mm MIN. A a1 a2 b b1 C c1 D E e e3 F L S 7.40 0.50 15.20 10.00 1.27 13.97 7.60 1.27 8 (max.) 0.291 0.19 15.60 10.65 0.35 0.23 0.50 45 (typ.) 0.598 0.393 0.05 0.55 0.299 0.050 0.614 0.420 0.10 TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
DIM.
L C c1
a2
A
e3
E
D
24
13
1
12
F
a1
b
e
s
P013T
6/9
b1
ST207E
SSOP24 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.25 0.50 1.51 0.25 0.10 8.35 7.6 5.02 6.10 0.65 BSC 10o 0.80 0o 0.010 0.020 0.30 TYP. MAX. 2.00 0.25 2.00 0.35 0.35 9.35 8.7 6.22 0.059 0.010 0.004 0.329 0.299 0.198 0.240 0.0256 BSC 10o 0.031 0.012 MIN. inch TYP. MAX. 0.079 0.010 0.079 0.014 0.014 0.368 0.343 0.245
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/9
ST207E
TSSOP24 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 7.7 6.25 4.3 7.8 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.2 7.9 6.5 4.48 0.002 0.335 0.0075 0.0035 0.303 0.246 0.169 0.307 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.311 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
8/9
ST207E
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
9/9


▲Up To Search▲   

 
Price & Availability of ST207E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X